Part Number Hot Search : 
BAS116 LM2935 CA2902E MSK4890H 1N5250 COACH10S APA2037 AL1101
Product Description
Full Text Search
 

To Download 050MM(020)PITCHSLIMSTACKRECEPTACLE,SURFACE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0547220304 Active
0.50mm (.020") Pitch SlimStackTM Receptacle, Surface Mount, Dual Row, Vertical, 1.50mm (.059") Stacking Height, Lower Circuit Size Version, 30 Circuits, Gold Plating with Nickel Barrier Plating Between Contact and Tail
Documents: 3D Model Drawing (PDF)
Product Specification PS-54722-010 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Receptacles 54722 Board-to-Board Embossed Tape Reel Height: 380mm (14.961")|Gold plating with Nickel plating between contact and tail SlimStackTM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Product Name
Physical
Circuits (Loaded) Color - Resin Durability (mating cycles max) Glow-Wire Compliant Lock to Mating Part Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to PCB Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 30 Black 30 No None 0.059 In 1.50 mm Phosphor Bronze Gold Gold High Temperature Thermoplastic 2 Vertical No None Embossed Tape on Reel 0.020 In 0.50 mm No N/A -25C to +85C Surface Mount
Search Parts in this Series 54722Series Mates With 55560 PCB Header
Electrical
Current - Maximum per Contact Voltage - Maximum 0.5A 50V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-54722-010, RPS-54722-024, RPS-54722-027, RPS-54722-031 SD-54722-011, SD-54722-012
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 050MM(020)PITCHSLIMSTACKRECEPTACLE,SURFACE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X